Part Number Hot Search : 
B32926 LM4040 V300C24 0441106 4024N STA330 ISL8130 TOTX178
Product Description
Full Text Search
 

To Download HD74AC165 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74AC165
Parallel-Load 8-bit Shift Register
REJ03D0254-0200Z (Previous ADE-205-374 (Z)) Rev.2.00 Jul.16.2004
Description
This 8-bit serial shift register shifts data from QA to QH when clocked, Parallel inputs to each stage are enabled by a low level at the Shift/Load Input. Also included is a gated clock input and a complementary output from the eighth bit. Clocking is accomplished through a 2-input NOR gate permitting one input to be used as a clock inhibit function. Holding either of the clock inputs high inhibits clocking, and holding either clock input low with the Shift/Load input high enables the other clock input. Data transfer occurs on the positive going edge of the clock. Parallel loading is inhibited as long as the Shift/Load input is high. When taken low, data at the parallel inputs is loaded directly into the register independent of the state of the clock.
Features
* Outputs Source/Sink 24 mA * Ordering Information
Part Name HD74AC165FPEL HD74AC165RPEL Package Type SOP-16 pin (JEITA) Package Code Package Abbreviation Taping Abbreviation (Quantity) FP-16DAV FP RP EL (2,000 pcs/reel) EL (2,500 pcs/reel)
SOP-16 pin (JEDEC) FP-16DNV
Notes: 1. Please consult the sales office for the above package availability. 2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of the package code.
Pin Arrangement
SL 1 CP 2 E3 Parallel Inputs F4 G5 H6 QH 7 GND 8 (Top view) 16 VCC Clock 15 Inhibit 14 D 13 C 12 B 11 A 10 SI 9 QH Parallel Inputs
Rev.2.00, Jul.16.2004, page 1 of 6
HD74AC165
Logic Symbol
15 11 12 13 14 3 4 5 6
1 2 10
Clock Inhibit SL CP SI
A
B
C
DE
F
GH
QH
QH
9
7
Pin Names
A to H SI CP SL Clock Inhibit QH, QH Parallel Inputs Serial Input Clock Input Shift Load Clock Inhibit Outputs
Truth Table
Inputs SL L H H H H H: L: X: : X L L L H Clock Inhibit X L CP X X H L X SI Parallel A ****** H a ****** h X X X X a QAD H L QAD Internal Outputs QA QB b QBO QAn QAn QBO h QHO QGn QCn QHO Outputs QH
X
High Voltage Level Low Voltage Level Immaterial Low-to-High Clock Transition
Rev.2.00, Jul.16.2004, page 2 of 6
HD74AC165
Logic Diagram
Parallel Inputs A B C D E F G H
Preset QA S Clock QA R Clear
Preset QB S Clock QB R Clear
Preset QC S Clock QC R Clear
Preset QD S Clock QD R Clear
Preset QE S Clock QE R Clear
Preset QF S Clock QF R Clear
Preset QG S Clock QG R Clear
Preset QH S Clock QH R Clear
Output QH Output QH
SI
SL
CP
Clock Inhibit
Absolute Maximum Ratings
Item Supply voltage DC input diode current DC input voltage DC output diode current DC output voltage DC output source or sink current DC VCC or ground current per output pin Storage temperature Symbol VCC IIK VI IOK VO IO ICC, IGND Tstg Ratings -0.5 to 7 -20 20 -0.5 to Vcc+0.5 -50 50 -0.5 to Vcc+0.5 50 50 -65 to +150 Unit V mA mA V mA mA V mA mA C VI = -0.5V VI = Vcc+0.5V VO = -0.5V VO = Vcc+0.5V Condition
Recommended Operating Conditions
Item Supply voltage Input and output voltage Operating temperature Input rise and fall time (except Schmitt inputs) VIN 30% to 70% VCC Symbol VCC VI, VO Ta tr, tf 2 to 6 0 to VCC -40 to +85 8 Ratings V V C ns/V VCC = 3.0V VCC = 4.5 V VCC = 5.5 V Unit Condition
Rev.2.00, Jul.16.2004, page 3 of 6
HD74AC165
DC Characteristics
Item Symbol VIH Vcc (V) 3.0 4.5 5.5 VIL 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 VOL 5.5 3.0 4.5 5.5 3.0 4.5 Input leakage current Dynamic output current* Quiescent supply current IIN IOLD IOHD ICC 5.5 5.5 5.5 5.5 5.5 min. 2.1 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.58 3.94 4.94 -- -- -- -- -- -- -- -- -- -- Ta = 25C typ. 1.5 2.25 2.75 1.50 2.25 2.75 2.99 4.49 5.49 -- -- -- 0.002 0.001 0.001 -- -- -- -- -- -- -- max. -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.32 0.32 0.32 0.1 -- -- 8.0 Ta = -40 to +85C min. max. 2.1 -- 3.15 3.85 -- -- -- 2.9 4.4 5.4 2.48 3.80 4.80 -- -- -- -- -- -- -- 86 -75 -- -- -- 0.9 1.35 1.65 -- -- -- -- -- -- 0.1 0.1 0.1 0.37 0.37 0.37 1.0 -- -- 80 A mA mA A V VOUT = 0.1 V or VCC -0.1 V Unit Condition
Input Voltage
V
VOUT = 0.1 V or VCC -0.1 V
Output voltage
VOH
VIN = VIL or VIH IOUT = -50 A VIN = VIL or VIH IOH = -12 mA IOH = -24 mA IOH = -24 mA VIN = VIL or VIH IOUT = 50 A VIN = VIL or VIH IOL = 12 mA IOL = 24 mA IOL = 24 mA VIN = VCC or GND VOLD = 1.1 V VOHD = 3.85 V VIN = VCC or ground
*Maximum test duration 2.0 ms, one output loaded at a time.
AC Characteristics
Ta = +25C CL = 50 pF Min Typ Max 85 100 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 -- -- 11.0 8.0 12.0 8.5 13.5 9.5 9.0 6.5 11.5 8.5 10.0 7.5 -- -- 17.5 11.5 18.0 12.5 19.5 13.5 14.0 9.5 20.5 14.0 16.5 11.0 Ta = -40C to +85C CL = 50 pF Min Max 70 90 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 -- -- 20.5 13.5 21.5 14.5 22.5 15.5 16.5 11.0 23.5 16.0 19.5 12.5 MHz ns ns ns ns ns ns
Item Maximum count frequency Propagation delay CP to QH or QH Propagation delay CP to QH or QH Propagation delay H to QH or QH Propagation delay H to QH or QH Propagation delay SL to QH or QH Propagation delay SL to QH or QH Note:
Symbol fmax tPLH tPHL tPLH tPHL tPLH tPHL
VCC (V)*1 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0
Unit
1. Voltage Range 3.3 is 3.3 V 0.3 V Voltage Range 5.0 is 5.0 V 0.5 V
Rev.2.00, Jul.16.2004, page 4 of 6
HD74AC165
AC Operating Requirements
Ta = +25C CL = 50 pF Item Setup time, HIGH or LOW H to SL Hold time, HIGH or LOW H to SL Setup time, HIGH or LOW Sin to CP Hold time, HIGH or LOW Sin to CP Setup time, HIGH or LOW SL to CP Hold time, HIGH or LOW SL to CP Recovery time clock inhibit to CP Clock pulse width Note: Symbol VCC (V)*1 Typ tsu 3.3 3.5 th tsu th tsu th trec tw 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 3.3 5.0 1. Voltage Range 3.3 is 3.3 V 0.3 V Voltage Range 5.0 is 5.0 V 0.5 V 2.5 -1.0 -0.5 1.0 0.5 1.5 1.0 3.0 2.0 -2.0 -1.0 2.5 2.0 3.0 3.0 Ta = -40C to +85C CL = 50 pF Unit ns ns ns ns ns ns ns ns
Guaranteed Minimum 5.0 6.0 4.0 0.5 0.5 3.5 3.0 2.0 2.0 5.0 4.0 0.0 0.0 3.5 3.0 5.5 4.5 4.5 0.5 0.5 4.0 3.5 2.0 2.0 6.0 4.5 0.0 0.0 3.5 3.0 7.0 5.0
Capacitance
Item Input capacitance Power dissipation capacitance Symbol CIN CPD 4.5 50 Typ pF pF Unit VCC = 5.5 V VCC = 5.0 V Condition
Rev.2.00, Jul.16.2004, page 5 of 6
HD74AC165
Package Dimensions
As of January, 2003
10.06 10.5 Max 16 9
5.5
Unit: mm
1
*0.20 0.05
8
0.80 Max
2.20 Max
0.20 7.80 + 0.30 -
1.15
1.27
0.10 0.10
0 - 8
0.70 0.20
*0.40 0.06
0.15
0.12 M
Package Code JEDEC JEITA Mass (reference value) FP-16DAV -- Conforms 0.24 g
*Ni/Pd/Au plating
As of January, 2003
Unit: mm
9.9 10.3 Max 16 9
3.95
1 1.27 0.635 Max
8
0.11 0.14 + 0.04 - 1.75 Max
*0.20 0.05
0.10 6.10 + 0.30 -
1.08
0 - 8
+ 0.67 0.60 - 0.20
*0.40 0.06
0.15 0.25 M
*Ni/Pd/Au plating
Package Code JEDEC JEITA Mass (reference value)
FP-16DNV Conforms Conforms 0.15 g
Rev.2.00, Jul.16.2004, page 6 of 6
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .1.0


▲Up To Search▲   

 
Price & Availability of HD74AC165

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X